PART |
Description |
Maker |
XC2V1000 XC2V1000-4BF957C XC2V1000-4BF957I XC2V100 |
Industry First Platform FPGA Solution 1.5VField-ProgrammableGateArrays
IC REG LDO 1A 8V SHTDN TO220FP-5 Virtex-II 1.5V Field-Programmable Gate Arrays 的Virtex - II 1.5V的现场可编程门阵 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1280 CLBS, 1000000 GATES, 650 MHz, PBGA575 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1920 CLBS, 1500000 GATES, 650 MHz, PBGA575 1.5V Field-Programmable Gate Arrays 1.5V的现场可编程门阵 Virtex-II 1.5V Field-Programmable Gate Arrays Virtex - II 1.5V的现场可编程门阵 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1920 CLBS, 1500000 GATES, 820 MHz, PBGA575 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 2688 CLBS, 2000000 GATES, 650 MHz, PBGA896 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 2688 CLBS, 2000000 GATES, 750 MHz, PBGA896 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 384 CLBS, 250000 GATES, 650 MHz, PBGA256 MS3470L16-26BN FPGA, 5760 CLBS, 4000000 GATES, 820 MHz, PBGA1517 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 384 CLBS, 250000 GATES, 650 MHz, PBGA144 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1280 CLBS, 1000000 GATES, 650 MHz, PBGA896 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 2688 CLBS, 2000000 GATES, 750 MHz, PBGA957 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 3584 CLBS, 3000000 GATES, 820 MHz, PBGA957 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 11648 CLBS, 8000000 GATES, 750 MHz, PBGA1517 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 768 CLBS, 500000 GATES, 750 MHz, PBGA456 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 2688 CLBS, 2000000 GATES, 820 MHz, PBGA957 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 3584 CLBS, 3000000 GATES, 820 MHz, PBGA1152 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1920 CLBS, 1500000 GATES, 820 MHz, PBGA896 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1280 CLBS, 1000000 GATES, 820 MHz, PBGA896 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 128 CLBS, 80000 GATES, 750 MHz, PBGA144 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 1920 CLBS, 1500000 GATES, 820 MHz, PBGA676 Field-Programmable Gate Arrays FPGA, 1280 CLBS, 1000000 GATES, 820 MHz, PBGA456 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 3584 CLBS, 3000000 GATES, 750 MHz, PBGA676 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 3584 CLBS, 3000000 GATES, 750 MHz, PBGA1152 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 5760 CLBS, 4000000 GATES, 650 MHz, PBGA1517 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 5760 CLBS, 4000000 GATES, 750 MHz, PBGA1152 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 11648 CLBS, 8000000 GATES, 650 MHz, PBGA1517 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 768 CLBS, 500000 GATES, 750 MHz, PBGA256 Virtex-II 1.5V Field-Programmable Gate Arrays FPGA, 384 CLBS, 250000 GATES, 750 MHz, PBGA256
|
XILINX[Xilinx, Inc] Xilinx, Inc. Kontron AG XILINX INC
|
OR4E2-2BC352 OR4E6-1BM680 |
ORCA Series 4 Field-programmable gate arrays
|
Agere Systems
|
XC4013E-1CB240M XC4013E-1HG240C XC4013E-1HG240I XC |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc]
|
ATT3030 |
(ATT3000 Series) High Performance Field Programmable Gate Arrays
|
AT & T
|
OR2C06A OR2C04A OR2T15A |
Field-Programmable Gate Ayyays Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
AT6010-2QC AT6010-2QI AT6003-2AC AT6003-2AI AT6002 |
Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No SRAM-based Coprocessor Field Programmable Gate Arrays(FPGA基于静态RAM协处理器场可编程门阵 RESISTOR, METAL FILM, 8200 OHM, 5%, 6.3E-2W ER 2C 2#16S PIN RECP Product Description:DC-Coupled 3dB 50 Attenuator Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:16S; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No ER 2C 2316S PIN RECP AT6000(LV) Series [Updated 10/99. 28 Pages] AT6K FPGA ideal for use as re-configurable DSP Co-processors ER 5C 5#12 PIN RECP JT 28C 26#20 2#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Coprocessor Field Programmable Gate Arrays FPGA, 1600 CLBS, 9000 GATES, PQCC84 Coprocessor Field Programmable Gate Arrays FPGA, 6400 CLBS, 30000 GATES, PQFP144 Coprocessor Field Programmable Gate Arrays FPGA, 3136 CLBS, 15000 GATES, 250 MHz, PQFP100 Coprocessor Field Programmable Gate Arrays FPGA, 6400 CLBS, 30000 GATES, PQFP240 Coprocessor Field Programmable Gate Arrays FPGA, 3136 CLBS, 15000 GATES, PQFP132 ER 7C 7#16S SKT RECP FPGA, 1024 CLBS, 6000 GATES, 250 MHz, PQCC84 Coprocessor Field Programmable Gate Arrays FPGA, 1600 CLBS, 9000 GATES, PQFP132 MB 10C 10#20 SKT PLUG FPGA, 1600 CLBS, 9000 GATES, PQFP144 FPGA, 1024 CLBS, 6000 GATES, PQFP144
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel Corp. Atmel, Corp. http://
|
XC4005E-4PG156I |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Xilinx, Inc
|
PLS103 |
Field Programmable Gate Array
|
Signetics
|
OR4E2 OR4E6 OR4E4 |
Field-Programmable Gate Arrays(现场可编程门阵列)
|
Lineage Power
|
NFX780Z-10 KUFX780Z-10 NFX780-15 KUFX780Z-15 NFX78 |
Field Programmable Gate Array (FPGA)
|
|
OR3C80 |
(OR3xxx) 3C and 3T Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
|